Part Number Hot Search : 
P34063 S1000 PT370L24 PIC18F25 A1141LLH 09081 TD100 S1000
Product Description
Full Text Search
 

To Download LPW332M1EN25V-W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type LPW 85 C Snap-In Aluminum Electrolytic Capacitors
Low Voltage, High Value Capacitors
Type LPW radial leaded snap-in aluminum electrolytic capacitors are a compact design for high density packaging and is ideal for low voltage, general purpose input filtering applications.
Highlights
* * * * * Capacitance Range: Voltage Range: Capacitance tolerance: Operating Temperature Range: Dissipation Factor Low voltage High Capacitance 85 C Good for input filtering in consumer applications 22 to 35 mm diameter with 10 mm lead spacing
Specifications
820 to 22,000 F 10 to 100 Vdc 20% -40 C to +85 C
DF at 120 Hz, +25 C Vdc DF % 10 -16 30 25 - 35 25 50 - 63 20 100 15
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
For values that are >1000 F, the DF (%) increases 2% for every additional 1000 F
DC Leakage Test: I .03CV ir 3 mA
C = capacitance in F V = rated voltage I = leakage current in A
Ripple Multipliers 60 Hz 0.90 0.90 120 Hz 1.00 1.00 1 kHz 1.05 1.15 10 kHz 1.10 1.20 100 kHz 1.10 1.20
Frequency Ripple Multipliers:
Rated Vdc 10 to 35 50 to 100
Temperature Ripple Multipliers:
Temperature Ripple Multiplier +70 C +60 C +45 C 1.20 1.30 1.55
Part Numbering System
LPW 332 M 1J
Q Case Diameter
25 Case Length
V-W Case Type & Terminals
Type
Cap
Tolerance
Voltage
Code
LPW
821 = 820 F 332 = 3300 F 103 = 10,000 F
20%
1A = 10 Vdc 1H = 50 Vdc 1C = 16 Vdc 1J = 63 Vdc 1E = 25 Vdc 2A = 100 Vdc 1V = 35 Vdc
N = 22 mm O = 25 mm P = 30 mm Q = 35 mm
25 = 25 mm
V = Vented Case -- = Dash W = Snap-In
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type LPW 85 C Snap-In Aluminum Electrolytic Capacitors
Outline Drawing
(Arrow Indicates Ground Lead)
(Dimension in Millimeters)
Ratings
Cap (F) 8,200 8,200 10,000 10,000 12,000 12,000 15,000 15,000 22,000 22,000 4,700 4,700 6,800 6,800 8,200 8,200 10,000 10,000 12,000 12,000 15,000 15,000 22,000 22,000 3,300 3,300 4,700 4,700 6,800 Max ESR Max Ripple @ 120 Hz @ 120 Hz +25 C +85 C () (A) 10 Vdc; 13 Vdc Surge LPW822M1AN25V-W 0.101 2.39 LPW822M1AO25V-W 0.101 2.46 LPW103M1AN30V-W 0.083 2.69 LPW103M1AO25V-W 0.083 2.57 LPW123M1AN30V-W 0.083 2.81 LPW123M1AP25V-W 0.083 2.84 LPW153M1AN35V-W 0.066 3.14 LPW153M1AP25V-W 0.066 2.97 LPW223M1AN45V-W 0.045 3.79 LPW223M1AP30V-W 0.045 3.45 16 Vdc; 20 Vdc Surge LPW472M1CN25V-W 0.141 1.81 LPW472M1CO25V-W 0.141 2.21 LPW682M1CN25V-W 0.122 2.40 LPW682M1CO25V-W 0.122 2.47 LPW822M1CN30V-W 0.101 2.70 LPW822M1CP25V-W 0.101 2.73 LPW103M1CN35V-W 0.083 3.00 LPW103M1CP25V-W 0.083 2.84 LPW123M1CN40V-W 0.069 3.30 LPW123M1CP30V-W 0.069 3.16 LPW153M1CN45V-W 0.055 3.62 LPW153M1CQ25V-W 0.055 3.55 LPW223M1CO45V-W 0.038 4.25 LPW223M1CQ30V-W 0.038 4.37 25 Vdc; 32 Vdc Surge LPW332M1EN25V-W 0.176 2.03 LPW332M1EO25V-W 0.176 2.09 LPW472M1EN30V-W 0.159 2.49 LPW472M1EO25V-W 0.159 2.31 LPW682M1EN35V-W 0.110 2.87 Catalog Part Number Size (Inches) D L 0.866 0.984 0.866 0.984 0.866 1.181 0.866 1.181 0.866 1.181 0.866 0.984 0.866 0.984 0.866 1.181 0.866 1.181 0.866 1.181 0.866 1.378 0.984 1.378 0.866 0.984 0.866 0.984 0.866 0.984 0.984 1.181 0.984 1.181 0.984 1.378 0.984 1.772 1.181 0.984 0.984 0.984 0.984 1.181 0.984 1.378 0.984 1.575 1.181 1.772 0.984 1.772 1.181 0.984 0.984 1.181 0.984 1.378 Size (mm) D L 22 25 22 25 22 30 22 30 22 30 22 25 22 25 22 30 22 30 22 30 22 35 25 35 22 25 22 25 22 25 25 30 25 30 25 35 25 45 30 25 25 25 25 30 25 35 25 40 30 45 25 45 30 25 25 30 25 35 Max ESR Max Ripple Catalog Cap (F) 6,800 8,200 8,200 10,000 10,000 12,000 12,000 15,000 15,000 22,000 3,300 3,300 4,700 4,700 6,800 6,800 8,200 8,200 10,000 10,000 12,000 12,000 15,000 2,200 2,200 3,300 3,300 4,700 4,700 Part Number @ 120 Hz +25 C () @ 120 Hz +85 C (A) D 1.181 0.866 1.181 0.866 1.181 0.866 1.378 0.984 1.378 1.181 0.866 0.984 0.866 1.181 0.866 1.181 0.866 1.378 0.984 1.378 0.984 1.378 1.181 0.866 0.984 0.866 1.181 0.866 1.378 Size (Inches) L 0.984 1.575 1.181 1.772 1.181 1.969 1.181 1.772 1.181 1.969 0.984 0.984 1.181 0.984 1.575 1.181 1.772 1.181 1.772 1.181 1.969 1.378 1.772 0.984 0.984 1.378 0.984 1.575 0.984 Size (mm) D 30 22 30 22 30 22 35 25 35 30 22 25 22 30 22 30 22 35 25 35 25 35 30 22 25 22 30 22 35 L 25 40 30 45 30 50 30 45 30 50 25 25 30 25 40 30 45 30 45 30 50 35 45 25 25 35 25 40 25
25 Vdc; 32 Vdc Surge LPW682M1EP25V-W 0.110 2.72 LPW822M1EN40V-W 0.091 3.16 LPW822M1EP30V-W 0.091 3.03 LPW103M1EN45V-W 0.075 3.45 LPW103M1EP30V-W 0.075 3.14 LPW123M1EN50V-W 0.062 3.74 LPW123M1EQ30V-W 0.062 3.75 LPW153M1EO45V-W 0.050 3.78 LPW153M1EQ30V-W 0.050 3.89 LPW223M1EP50V-W 0.034 4.94 35 Vdc; 44 Vdc Surge LPW332M1VN25V-W 0.176 2.04 LPW332M1VO25V-W 0.176 2.10 LPW472M1VN30V-W 0.123 2.41 LPW472M1VP25V-W 0.123 2.44 LPW682M1VN40V-W 0.085 2.98 LPW682M1VP30V-W 0.085 2.86 LPW822M1VN45V-W 0.071 3.25 LPW822M1VQ30V-W 0.071 3.42 LPW103M1VO45V-W 0.058 3.41 LPW103M1VQ30V-W 0.058 3.51 LPW123M1VO50V-W 0.048 3.68 LPW123M1VQ35V-W 0.048 3.84 LPW153M1VP45V-W 0.039 4.08 50 Vdc; 63 Vdc Surge LPW222M1HN25V-W 0.226 1.92 LPW222M1HO25V-W 0.226 1.98 LPW332M1HN35V-W 0.151 2.51 LPW332M1HP25V-W 0.151 2.38 LPW472M1HN40V-W 0.106 2.89 LPW472M1HQ25V-W 0.106 2.99
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type LPW 85 C Snap-In Aluminum Electrolytic Capacitors
Max ESR Max Ripple @ 120 Hz @ 120 Hz +25 C +85 C () (A) 50 Vdc; 63 Vdc Surge LPW682M1HO45V-W .073 3.37 LPW682M1HQ30V-W 0.073 3.46 LPW822M1HO50V-W 0.061 3.62 LPW822M1HQ35V-W 0.061 3.79 LPW103M1HP45V-W 0.050 3.72 63 Vdc; 79 Vdc Surge LPW102M1JN25V-W 0.414 1.42 LPW102M1JO25V-W 0.414 1.46 LPW152M1JN25V-W 0.276 1.74 LPW152M1JP25V-W 0.276 1.81 LPW222M1JN30V-W 0.226 2.08 LPW222M1JP25V-W 0.226 2.10 LPW332M1JN45V-W 0.151 2.81 LPW332M1JQ25V-W 0.151 2.76 LPW472M1JO45V-W 0.106 3.11 LPW472M1JQ30V-W 0.106 3.20 LPW682M1JP45V-W 0.073 3.54 Catalog Part Number Max ESR Max Ripple Catalog Cap (F) 820 820 1,000 1,000 1,500 1,500 2,200 2,200 3,300 Part Number @ 120 Hz @ 120 Hz +25 C () +85 C (A) D Size (Inches) L 1.181 0.984 1.181 0.984 1.575 1.181 1.772 1.181 1.772 D 22 25 22 30 22 35 25 35 30 Size (mm) L 30 25 30 25 40 30 45 30 45
Cap (F) 6,800 6,800 8,200 8,200 10,000 1,000 1,000 1,500 1,500 2,200 2,200 3,300 3,300 4,700 4,700 6,800
Size (Inches) D L 0.984 1.378 0.984 1.378 1.181 0.866 0.984 0.866 1.181 0.866 1.181 0.866 1.378 0.984 1.378 1.181 1.772 1.181 1.969 1.378 1.772 0.984 0.984 0.984 0.984 1.181 0.984 1.772 0.984 1.772 1.181 1.772
Size (mm) DL 25 35 25 35 30 22 25 22 30 22 30 22 35 25 35 30 45 30 50 35 45 25 25 25 25 30 25 45 25 45 30 45
100 Vdc; 125 Vdc Surge LPW821M2AN30V-W 0.404 1.55 0.866 LPW821M2AO25V-W 0.404 1.54 0.984 LPW102M2AN30V-W 0.332 1.71 0.866 LPW102M2AP25V-W 0.332 2.20 1.181 LPW152M2AN40V-W 0.276 2.38 0.866 LPW152M2AQ30V-W 0.276 2.54 1.378 LPW222M2AO45V-W 0.188 2.77 0.984 LPW222M2AQ30V-W 0.188 3.07 1.378 LPW332M2AP45V-W 0.126 3.27 1.181
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of LPW332M1EN25V-W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X